Part Number Hot Search : 
100S3 CPH6612 GDIAGRA 313010P 2N350 SMDB24 1N4699C 1A225
Product Description
Full Text Search
 

To Download SX3204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SX32 thru SX39
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
SMA/DO-214AC
Unit: inch (mm)
20 to 90 Volts
CURRENT
3.0 Amperes
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O * For surface mounted applications * Low profile package * Built-in strain relief * Metal to silicon rectifier. majority carrier conduction * Low power loss,high efficiency * High surge capacity * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * Pb free product are available : 99% Sn above can meet RoHS environment substance directive request
.114(2.90) .098(2.50) .062(1.60) .047(1.20)
.181(4.60) .157(4.00)
.012(.305) .006(.152)
.096(2.44) .078(2.00)
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic Terminals:Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Standard packaging: 12mm tape (EIA-481) Weight: 0.002 ounce, 0.064 gram
.060(1.52) .030(0.76)
.008(.203) .002(.051)
.208(5.28) .188(4.80)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d ) l e a d l e ng t h a t TL = 7 5 O C P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 3 . 0 A ( N o t e 1 ) M a xi m um D C R e ve r s e C ur r e nt TA = 2 5 O C a t R a t e d D C B l o c k i ng Vo l t a g e TA = 1 0 0 O C M a xi m um The r m a l R e s i s t a nc e ( N o t e 2 ) O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e S YM B O L V RRM V RMS V DC IF ( A V ) IF S M VF IR R J L R J A TJ T S TG 0 .5 0 .5 20 20 75 - 5 5 TO + 1 2 5 - 5 5 TO + 1 5 0
O
SX32 20 14 20
SX33 30 21 30
SX34 40 28 40
SX35 50 35 50 3 .0 80
SX36 SX38 60 42 60 80 56 80
SX39 90 64 90
U N IT S V V V A A
0 .6 8
0 .8 5
V mA C/W
O
C C
O
NOTES: 1. Pulse Test with PW =300sec, 1% Duty Cycle. 2. Mounted on P.C. Board with 8.0mm 2 (.013mm thick) copper pad areas.
STAD-FEB.26.2004
PAGE . 1
SX32 thru SX39
RATING AND CHARACTERISTIC CURVES
4.0 3.0 2.0
.375"9.5mm LEADLENGHTS RESISTIVEORINDUCTIVE LOAD
INSTANTANEOUS FORWARD CURRENT AMPERES
AVERAGEFORWARDRECITIFIED CURRENTAMPERES
5.0
50
10
20-40V 50-60V 80-90V
1.0
1.0 0 0 20 40 60 80 100
O
120
140
160
TJ = 25OC Pulse Width = 300ms 1% Duty Cycle 0.1
.2
.3
.4
.5
.6
.7
.8
.9 1.0 1.1
LEAD TEMPERAURE, C Fig.1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
10
INSTANTANEOUS REVERSE CURRENT, mA
PEAK FORWARD SURGE CURRENT,
T J = 100 C
O
160 140 120 100 80 60 40 20 0 1 2 5 10 20 50 100
8.3ms Single Half Since-Wave JEDEC Method
1.0
0.10
T J = 75 C
O
T J = 25 C
O
0.01
VRRM=20-40V VRRM=50-90V
.001 20 40 60 80 100 120 140
NO. OF CYCLE AT 60HZ
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- MAXIMUM NON - REPETITIVE SURGE CURRENT
STAD-FEB.26.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SX3204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X